Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16311/2 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 11Page - Microchip Technology MCP16311/2 Datasheet HTML 12Page - Microchip Technology MCP16311/2 Datasheet HTML 13Page - Microchip Technology MCP16311/2 Datasheet HTML 14Page - Microchip Technology MCP16311/2 Datasheet HTML 15Page - Microchip Technology MCP16311/2 Datasheet HTML 16Page - Microchip Technology MCP16311/2 Datasheet HTML 17Page - Microchip Technology MCP16311/2 Datasheet HTML 18Page - Microchip Technology MCP16311/2 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 15
MCP16311/2
4.2
Functional Description
4.2.1
STEP-DOWN OR BUCK
CONVERTER
The MCP16311/2 is a synchronous step-down or buck
converter capable of stepping input voltages ranging
from 4.4V to 30V down to 2.0V to 24V for VIN >VOUT.
The integrated high-side switch is used to chop or
modulate the input voltage using a controlled duty
cycle. The integrated low-side switch is used to
freewheel current when the high-side switch is turned
off. High efficiency is achieved by using low-resistance
switches and low equivalent series resistance (ESR)
inductors and capacitors. When the high-side switch is
turned on, a DC voltage is applied to the inductor (VIN –
VOUT), resulting in a positive linear ramp of inductor
current. When the high-side switch turns off and the
low-side switch turns on, the applied inductor voltage is
equal to –VOUT, resulting in a negative linear ramp of
inductor current. In order to ensure there is no shoot-
through current, a dead time where both switches are
off is implemented between the high-side switch
turning off and the low-side switch turning on, and the
low-side switch turning off and the high-side switch
turning on.
For
steady-state,
continuous
inductor
current
operation, the positive inductor current ramp must
equal the negative current ramp in magnitude. While
operating in steady state, the switch duty cycle must be
equal to the relationship of VOUT/VIN for constant
output voltage regulation, under the condition that the
inductor current is continuous or never reaches zero.
For discontinuous inductor current operation, the
steady-state duty cycle will be less than VOUT/VIN to
maintain voltage regulation. When the inductor current
reaches zero, the low-side switch is turned off so that
current does not flow in the reverse direction, keeping
the efficiency high. The average of the chopped input
voltage or SW node voltage is equal to the output
voltage, while the average inductor current is equal to
the output current.
FIGURE 4-2:
Synchronous Step-Down
Converter.
SW
IL
VIN
IOUT
VOUT
Continuous Inductor Current Mode
S1 ON
S2 ON
SW
IL
VIN
IOUT
Discontinuous Inductor Current Mode
S1 ON S2
ON
Both
OFF
VIN
L
IL
COUT
VOUT
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com