Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61529FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61529FP Datasheet HTML 3Page - Renesas Technology Corp M61529FP Datasheet HTML 4Page - Renesas Technology Corp M61529FP Datasheet HTML 5Page - Renesas Technology Corp M61529FP Datasheet HTML 6Page - Renesas Technology Corp M61529FP Datasheet HTML 7Page - Renesas Technology Corp M61529FP Datasheet HTML 8Page - Renesas Technology Corp M61529FP Datasheet HTML 9Page - Renesas Technology Corp M61529FP Datasheet HTML 10Page - Renesas Technology Corp M61529FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 7 of 23
Digital Control Specification
Prohibit using except specified Data code as follows.
(At power on, initial position is • mark’s setting.)
Input direction
(1) Input selector
(2) Input ATT
(3) Tone ATT
(5) MIC Mixing
(8) Switching of Tone control
(9) Tone control (Bass, Mid, Treble)
(6) RECA / External Input
• At external Input setting ,RECA is OFF.
(7) Surround / DPLIN
(4) Vocal cut & Tone bypass
(11) Bass boost
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
Tone
Mic
ATT
MIX
Bass
Boost
0
Rch Master Volume
Lch Master Volume
Rch Trime Volume
Lch Trim Volume
0
0
0
0
000
0
0
00
1
10
11
Input
ATT
Vocal cut
Tone bypass
RECA/
External Input
Surround/
DPLIN
Input Selector
Bass
Tone CcontrolTone control
Mid
Tone control
Treble
Tone
D
Control SW
A
B
C
Selector D0A
D1A D2A
INA
0
0
0
INB
0
0
1
INC
0
1
0
IND
0
1
1
Mute
1
*
*
Input ATT D3A
D4A
-5dB
0
0
0dB
0
1
0
+3.5dB
1
Tone ATT
D5A
-8.2dB
0
0dB
1
Switching
D6A
D7A
Vocal cut OFF,Tone Bypass
0
0
Vocal cut OFF,Tone ON
0
1
*
Vocal cut ON,Tone Bypass
1
Mic Mixing
D8A
OFF
0
ON
1
D9A D10A D11A
RECA-OFF
0
*
0
RECA-ON
0
*
1
-6dB
1
1
1
1
0
0
10
11
Switching
0
0dB
-3dB
+3dB
1
Switching D12A D13A
Bypass
0
0
Surround
0
1
0
DPLIN
1
Switching
D0B
D1B
Lch and Rch
0
0
Lch only
0
1
0
Rch only
1
Tone D2,6,10B D3,7,11B D4,D8,12BD5,D9,13B
+8dB
1
1
0
0
+6dB
1
0
1
1
+4dB
1
0
1
0
+2dB
1
0
0
1
0dB
0
0
0
0
-2dB
0
0
0
1
-4dB
0
0
1
0
-6dB
0
0
1
1
-8dB
0
1
0
0
Bass Boost D8C
OFF
0
ON
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com