Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61529FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61529FP Datasheet HTML 1Page - Renesas Technology Corp M61529FP Datasheet HTML 2Page - Renesas Technology Corp M61529FP Datasheet HTML 3Page - Renesas Technology Corp M61529FP Datasheet HTML 4Page - Renesas Technology Corp M61529FP Datasheet HTML 5Page - Renesas Technology Corp M61529FP Datasheet HTML 6Page - Renesas Technology Corp M61529FP Datasheet HTML 7Page - Renesas Technology Corp M61529FP Datasheet HTML 8Page - Renesas Technology Corp M61529FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 3 of 23
Pin Configuration and Block Diagram
1
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
25
24
23
22
26
2
5
6
7
3
4
8
9
10
11
12
13
14
15
16
17
18
19
20
21
REF
MIC
INA1
INB1
INC1
IND1
RECA1/INex1
RECB1
SAOUT
TMI1
BB_B2
VCC
DATA
SUR1/DPL1
SUR2/DPL2
INA2
INB2
INC2
IND2
RECA2/INex2
RECB2
SWOUT
TMI2
OUT2
GND
CLOCK
TMO1
TCB1
TCA1
TMO2
TCB2
TCA2
VOLIN2
TOUT2
BB_A2
OUT1
TOUT
VOLIN1
BB_A1
BB_B1
TCC1
TCC2
REF
Mid
A
B
A
B
B
A
A
B
B
A
VOL(0 to -87dB ,-
∞ )
-5/0/+3.5dB
B
A
Surround or
Dolby Pro Logic Buffer
A
B
-5/0/+3.5dB
A
B
A
B
B
A
SW3
SW
SW4
SW4
SW5
SW5
Bass&
Treble
Mid
Bass&
Treble
V 1
V 2
S 1
S 2
S 1 S 2
V 1
V 2
C
C
VOL(0 to -87dB,-
∞ )
-6/-3/0/+3dB
-6/-3/0/+3dB
Note : Dolby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com