Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61529FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61529FP Datasheet HTML 1Page - Renesas Technology Corp M61529FP Datasheet HTML 2Page - Renesas Technology Corp M61529FP Datasheet HTML 3Page - Renesas Technology Corp M61529FP Datasheet HTML 4Page - Renesas Technology Corp M61529FP Datasheet HTML 5Page - Renesas Technology Corp M61529FP Datasheet HTML 6Page - Renesas Technology Corp M61529FP Datasheet HTML 7Page - Renesas Technology Corp M61529FP Datasheet HTML 8Page - Renesas Technology Corp M61529FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev.1.00, Sep.04.2003, page 1 of 23
M61529FP
Audio Signal Processor with Surround
REJ03F0010-0100Z
Rev.1.00
Sep.04.2003
Description
M61529FP is the semiconductor integrated circuit for Home Audio. M61529FP includes 2ch electronic volume,
Tone control, 4 Input Selector, Bass Boost, REC output and Mic Mixing. This IC is suitable for Mini Component.
A difference in M61529FP and M61519FP has just changed Tone Input ATT from 0/–13dB to 0/–8.2dB.
Features
• 2ch Master Volume (L,R Independent Control)
Main Volume : 0dB to –76dB (2dB or 4dB step), –
∞
Trim Volume : 0dB to –15dB (1dB step)
*Total level is fixed at –87dB, on condition that the total level of Trim and Master volume is under “–87dB”.
• Tone Control (Bass/Mid/Treble)
±8dB (2dB step)
• 4 Input Selector with Mute
• Surround Function
• Vocal Cut Function
• Bass Boost Function
• L+R Output for Spectrum Analysis Display
• L+R Output for Subwoofer
• MIC Mixing Function
• 2 REC output with mute
• Input ATT
: –5/0/+3.5dB
• Tone Input ATT
: 0/–8.2dB
• External Input ATT
: +3/0/–3/–6dB
Application
Mini/Micro Component, Radio-Cassette Recorder with CD Player, etc.
Recommended Operating Conditions
Supply voltage range……………………8.0 to 10.0V
Recommended supply voltage……………...…...9.0V


Similar Part No. - M61529FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61529FP HITACHI-M61529FP Datasheet
442Kb / 24P
Audio Signal Processor with Surround
More results

Similar Description - M61529FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
AUDIO & VISUAL SURROUND PROCESSOR
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
Audio Signal Processor with Surround
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Renesas Technology Corp
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
Audio Signal Processor with Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com