Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61529FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61529FP Datasheet HTML 4Page - Renesas Technology Corp M61529FP Datasheet HTML 5Page - Renesas Technology Corp M61529FP Datasheet HTML 6Page - Renesas Technology Corp M61529FP Datasheet HTML 7Page - Renesas Technology Corp M61529FP Datasheet HTML 8Page - Renesas Technology Corp M61529FP Datasheet HTML 9Page - Renesas Technology Corp M61529FP Datasheet HTML 10Page - Renesas Technology Corp M61529FP Datasheet HTML 11Page - Renesas Technology Corp M61529FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 8 of 23
(10) Trim volume (Lch and Rch)
Trim
D0, 4C
D1, 5C
D2, 6C
D3, 7C
• 0dB
0
0
0
0
–1dB
0
0
0
1
–2dB
0
0
1
0
–3dB
0
0
1
1
–4dB
0
1
0
0
–5dB
0
1
0
1
–6dB
0
1
1
0
–7dB
0
1
1
1
–8dB
1
0
0
0
–9dB
1
0
0
1
–10dB
1
0
1
0
–11dB
1
0
1
1
–12dB
1
1
0
0
–13dB
1
1
0
1
–14dB
1
1
1
0
–15dB
1
1
1
1
Note : Total level is fixed at –87dB, on condition that the total level of Trim and Master volume is under “–87dB”.
(example: Trim –15dB, Master –76dB Total level is –87dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com