Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ100AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUJ100AT
Description  Silicon Diffused Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100AT Datasheet(HTML) 4 Page - NXP Semiconductors

  BUJ100AT Datasheet HTML 1Page - NXP Semiconductors BUJ100AT Datasheet HTML 2Page - NXP Semiconductors BUJ100AT Datasheet HTML 3Page - NXP Semiconductors BUJ100AT Datasheet HTML 4Page - NXP Semiconductors BUJ100AT Datasheet HTML 5Page - NXP Semiconductors BUJ100AT Datasheet HTML 6Page - NXP Semiconductors BUJ100AT Datasheet HTML 7Page - NXP Semiconductors BUJ100AT Datasheet HTML 8Page - NXP Semiconductors BUJ100AT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
Fig.7. Collector-Emitter saturation voltage.
Fig.8. Base-Emitter saturation voltage.
Solid Lines = typ values, I
C/IB = 3
Solid Lines = typ values, I
C/IB = 3
INDUCTIVE SWITCHING
Fig.9. Test circuit inductive load.
Fig.10. Switching times waveforms with inductive load.
V
CC = 300 V; -VBE = 5 V, LC = 200 µH; LB = 1 µH
Fig.11. Inductive switching.
Fig.12. Inductive switching.
tfi = f(h
FE)
tfi = f(I
C)
0.01
0.1
1
2
0
0.5
1
1.5
2
IC, COLLECTOR CURRENT/A
VCEsat VOLTAGE/V
IC/IB = 3
25 C
-40 C
125 C
0.01
0.1
1
2
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
IC, COLLECTOR CURRENT/A
VBEsat VOLTAGE/V
IC/IB = 3
25 C
125 C
-40 C
LB
IBon
-VBB
LC
T.U.T.
VCC
IC
IB
ICon
IBon
-IBoff
t
t
ts
tf
toff
10 %
90 %
246
8
10
0
25
50
75
100
125
150
175
200
225
250
275
HFE GAIN (IC/IB)
tfi (ns)
11
IC = 2A
IC = 1A
IC = 1.5A
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
25
50
75
100
125
150
175
200
225
250
275
IC COLLECTOR CURRENT /A
tfi (ns)
IC/IB = 10
IC/IB = 5
IC/IB =3
September 1999
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com