Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ100AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUJ100AT
Description  Silicon Diffused Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100AT Datasheet(HTML) 1 Page - NXP Semiconductors

  BUJ100AT Datasheet HTML 1Page - NXP Semiconductors BUJ100AT Datasheet HTML 2Page - NXP Semiconductors BUJ100AT Datasheet HTML 3Page - NXP Semiconductors BUJ100AT Datasheet HTML 4Page - NXP Semiconductors BUJ100AT Datasheet HTML 5Page - NXP Semiconductors BUJ100AT Datasheet HTML 6Page - NXP Semiconductors BUJ100AT Datasheet HTML 7Page - NXP Semiconductors BUJ100AT Datasheet HTML 8Page - NXP Semiconductors BUJ100AT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in the SOT223 envelope intended for
use in compact fluorescent lamps, low power electronic lighting ballasts and similar high frequency converters and
inverters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
700
V
V
CBO
Collector-Base voltage (open emitter)
-
700
V
V
CEO
Collector-emitter voltage (open base)
-
400
V
I
C
Collector current (DC)
-
1.0
A
I
CM
Collector current peak value
-
2.0
A
P
tot
Total power dissipation
T
sp ≤ 25 ˚C
-
6
W
V
CEsat
Collector-emitter saturation voltage
I
C = 0.75 A;IB = 150 mA
0.23
1.0
V
h
FE
I
C = 0.75 A;VCE = 5 V
14
20
t
fi
Fall time (Inductive)
I
C = 1.0 A,IBON=200 mA
50
70
ns
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
4
collector (tab)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector to emitter voltage
V
BE = 0 V
-
700
V
V
CEO
Collector to emitter voltage (open base)
-
400
V
V
CBO
Collector to base voltage (open emitter)
-
700
V
I
C
Collector current (DC)
-
1.0
A
I
CM
Collector current peak value
-
2.0
A
I
B
Base current (DC)
-
0.5
A
I
BM
Base current peak value
-
1.0
A
P
tot
Total power dissipation
T
sp ≤ 25 ˚C
-
6
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
Junction to solder point
-
20
K/W
R
th j-a
Junction to ambient
pcb mounted pad areas as in Fig.
23)
pcb mounted, minimum footprint
70
-
K/W
Mounted on 50x34x2mm
aluminium PCB
30
-
K/W
4
1
23
b
c
e
September 1999
1
Rev 1.000


Similar Part No. - BUJ100AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUJ100 PHILIPS-BUJ100 Datasheet
62Kb / 8P
Silicon Diffused Power Transistor
September 1999 Rev 1.000
logo
WeEn Semiconductors
BUJ100 WEEN-BUJ100 Datasheet
399Kb / 10P
Silicon Diffused Power Transistor
logo
NXP Semiconductors
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ100LR NXP-BUJ100LR Datasheet
155Kb / 11P
Silicon diffused power transistor
Rev. 01-12 August 2009
BUJ100LR PHILIPS-BUJ100LR_15 Datasheet
156Kb / 12P
NPN power transistor
Rev. 02-29 July 2010
More results

Similar Description - BUJ100AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com