Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV911ILT
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV911ILT Datasheet HTML 1Page - STMicroelectronics TSV911ILT Datasheet HTML 2Page - STMicroelectronics TSV911ILT Datasheet HTML 3Page - STMicroelectronics TSV911ILT Datasheet HTML 4Page - STMicroelectronics TSV911ILT Datasheet HTML 5Page - STMicroelectronics TSV911ILT Datasheet HTML 6Page - STMicroelectronics TSV911ILT Datasheet HTML 7Page - STMicroelectronics TSV911ILT Datasheet HTML 8Page - STMicroelectronics TSV911ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
.
August 2006
Rev.1
1/18
18
TSV911-TSV912-TSV914
Rail-to-rail input/output 8MHz operational amplifiers
Features
s
Rail-to-rail input and output
s
Wide bandwidth
s
Low power consumption: 1.1mA max.
s
Unity gain stability
s
High output current: 35mA
s
Operating from 2.5V to 5.5V
s
Low input bias current
s
ESD Internal protection
≥ 5kV
s
Latch-up immunity
Description
The TSV911/2/4 family of single, dual & quad
operational amplifiers offers low voltage operation
and rail-to-rail input and output.
This family features an excellent speed/power
consumption ratio, offering an 8MHz gain-
bandwidth product while consuming only 1.1mA
max at 5V supply voltage. These op-amps are
unity gain stable for capacitive loads up to 200pF.
They also feature an ultra-low input bias current.
These characteristics make the TSV911/2/4
family ideal for sensor interfaces, battery-supplied
and portable applications, as well as active
filtering.
Applications
q
Battery-powered applications
q
Portable devices
q
Signal conditioning
q
Active filtering
q
Medical instrumentation
SOT23-5
SO-14, TSSOP14
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
SO-8 (single)
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
MiniSO-8, SO-8 (dual)
Pin connections (top view)
www.st.com


Similar Part No. - TSV911ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV911ILT STMICROELECTRONICS-TSV911ILT Datasheet
1Mb / 27P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
29-Aug-2016
TSV911ILT STMICROELECTRONICS-TSV911ILT Datasheet
6Mb / 21P
3-phase inverter based on STSPIN32F0251
28-Oct-2019
TSV911ILT STMICROELECTRONICS-TSV911ILT Datasheet
1Mb / 30P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
09-May-2025
More results

Similar Description - TSV911ILT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com