Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911ILT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV911ILT
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911ILT Datasheet(HTML) 5 Page - STMicroelectronics

  TSV911ILT Datasheet HTML 1Page - STMicroelectronics TSV911ILT Datasheet HTML 2Page - STMicroelectronics TSV911ILT Datasheet HTML 3Page - STMicroelectronics TSV911ILT Datasheet HTML 4Page - STMicroelectronics TSV911ILT Datasheet HTML 5Page - STMicroelectronics TSV911ILT Datasheet HTML 6Page - STMicroelectronics TSV911ILT Datasheet HTML 7Page - STMicroelectronics TSV911ILT Datasheet HTML 8Page - STMicroelectronics TSV911ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TSV911-TSV912-TSV914
Electrical characteristics
5/18
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +2.5V
VDD = 0V, Vicm = VCC/2, Tamb = 25°C, R L connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV91x
-
0.1
4.5
mV
Tmin. < Top < Tmax.
-
-
7.5
TSV91xA
-
-
1.5
Tmin. < Top < Tmax.
-
-
3
DVio/DT Input offset voltage drift
-
2
-
µV/°C
Iio
Input offset current
(Vout = Vcc/2)
-
1
10(1)
pA
Iib
Input bias current
(Vout = Vcc/2)
-
1
10(1)
pA
CMR
Common Mode rejection
ratio 20 log (
∆V
ic/∆Vio)
0V to 2.5V, Vout = 1.25V
58
75
-
dB
Avd
Large signal voltage gain
RL= 10kΩ, Vout= 0.5V to 2V
80
89
-
dB
Vcc-
VOH
High level output voltage
RL = 10kΩ
RL = 600Ω
15
45
40
150
mV
VOL
Low level output voltage
RL = 10kΩ
RL = 600Ω
-
15
45
40
150
mV
Iout
Isink
Vo = 2.5V
18
32
-
mA
Tmin. < Tamb < Tmax.
16
-
-
Isource
Vo = 0V
18
35
-
Tmin. < Tamb < Tmax.
16
-
-
ICC
Supply current (per
operator)
No load, Vout=Vcc/2
-
0.78
1.1
mA
Tmin. < Top < Tmax.
-
-
1.1
AC performance
GBP
Gain bandwidth product
RL = 2kΩ, CL = 100pF,
f = 100kHz
-
8
-
MHz
Fu
Unity gain frequency
RL = 2kΩ, CL = 100pF,
7.2
MHz
φm
Phase margin
RL = 2kΩ, CL = 100pF
-
45
-
Degrees
Gm
Gain margin
RL = 2kΩ, CL = 100pF
-
8
-
dB
SR
Slew rate
RL = 2kΩ, CL = 100pF, Av=1
-
4.5
-
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com