Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911ILT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV911ILT
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911ILT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV911ILT Datasheet HTML 6Page - STMicroelectronics TSV911ILT Datasheet HTML 7Page - STMicroelectronics TSV911ILT Datasheet HTML 8Page - STMicroelectronics TSV911ILT Datasheet HTML 9Page - STMicroelectronics TSV911ILT Datasheet HTML 10Page - STMicroelectronics TSV911ILT Datasheet HTML 11Page - STMicroelectronics TSV911ILT Datasheet HTML 12Page - STMicroelectronics TSV911ILT Datasheet HTML 13Page - STMicroelectronics TSV911ILT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics
TSV911-TSV912-TSV914
10/18
Figure 7.
Voltage gain and phase vs
frequency at Vcc=2.5V and
Vicm=0.5V
Figure 8.
Voltage gain and phase vs
frequency at Vcc=5.5V and
Vicm=0.5V
10
4
10
5
10
6
10
7
10
8
−50
−50
−40
−40
−30
−30
−20
−20
−10
−10
0
0
10
10
20
20
30
30
40
40
50
50
−200
−160
−120
−80
−40
0
40
80
120
160
200
Phase
Vcc=2.5V, Vicm=0.5V
Cl=100pF, Rl=2kOhms, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency
(Hz)
10
4
10
5
10
6
10
7
10
8
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
0
0
10
10
20
20
30
30
40
40
50
50
-200
-160
-120
-80
-40
0
40
80
120
160
200
Phase
Vcc=5.5V,
Vicm=0.5V
Cl=100pF,
Rl=2kOhms,
Vrl=Vcc/2
Tamb=25°C
Gain
Frequency
(Hz)
10
4
10
5
10
6
10
7
10
8
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
0
0
10
10
20
20
30
30
40
40
50
50
-200
-160
-120
-80
-40
0
40
80
120
160
200
Phase
Vcc=5.5V,
Vicm=0.5V
Cl=100pF,
Rl=2kOhms,
Vrl=Vcc/2
Tamb=25°C
Gain
Frequency
(Hz)
10
4
10
5
10
6
10
7
10
8
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
0
0
10
10
20
20
30
30
40
40
50
50
-200
-160
-120
-80
-40
0
40
80
120
160
200
Phase
Vcc=5.5V,
Vicm=0.5V
Cl=100pF,
Rl=2kOhms,
Vrl=Vcc/2
Tamb=25°C
Gain
Frequency
(Hz)
Figure 9.
Phase margin vs.capacitive load
Figure 10.
Phase margin vs.output current
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
Vicm=4.5V
Vicm=1V
Vcc=5V, Rl=2kOhms
Vrl=2.5V
Tamb=25°C
Vicm=0.5V
Capacitive
load
(pF)
−20
−20
−10
−10
0
0
10
10
20
20
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
Vicm=4.5V
Vicm=1V
Vcc=5V, Cl=100pF
Tamb=25°C
Vicm=0.5V
DC
Ouput
Current
(mA)
Figure 11.
Positive slew rate
Figure 12.
Negative slew rate
2.0
2.0
2.7
3.3
4.0
4.0
4.7
5.3
6.0
6.0
3.0
3.0
3.3
3.5
3.5
3.8
4.0
4.0
4.3
4.5
4.5
4.8
5.0
5.0
T=125°C
T=25°C
T=-40°C
Su p p ly
Vo lta g e
( V)
2.0
2.0
2.7
3.3
4.0
4.0
4.7
5.3
6.0
6.0
3.0
3.0
3.3
3.5
3.5
3.8
4.0
4.0
4.3
4.5
4.5
4.8
5.0
5.0
T=125°C
T=25°C
T=-40°C
Su p p ly
Vo lta g e
( V)
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
0
0
1
1
2
2
3
3
4
4
5
5
6
6
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
T=125°C
T=25°C
T=-40°C
Supply Voltage (V)
T =125°C
T =25°C
T =-40°C
Supply
Voltage
(V)
2.5
3.0
3.0
3.5
4.0
4.5
5.0
5.0
5.5
0
0
-1
-1
-2
-2
-3
-3
-4
-4
-5
-5
-6
-6
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
T=125°C
T=25°C
T=-40°C
Supply
Voltage
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com