Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911ILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV911ILT
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911ILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV911ILT Datasheet HTML 7Page - STMicroelectronics TSV911ILT Datasheet HTML 8Page - STMicroelectronics TSV911ILT Datasheet HTML 9Page - STMicroelectronics TSV911ILT Datasheet HTML 10Page - STMicroelectronics TSV911ILT Datasheet HTML 11Page - STMicroelectronics TSV911ILT Datasheet HTML 12Page - STMicroelectronics TSV911ILT Datasheet HTML 13Page - STMicroelectronics TSV911ILT Datasheet HTML 14Page - STMicroelectronics TSV911ILT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TSV911-TSV912-TSV914
Electrical characteristics
11/18
Figure 13.
Distorsion + noise vs. frequency
Figure 14.
Distorsion + noise vs. output
voltage
Figure 15.
Noise vs. frequency
10
100
1000
10000
100000
1E-4
1E-3
0.01
Vout=Vcc-1.4Vpp
Rl=2kOhms
Gain=1
BW =80kHz
Vicm=(Vcc+1V)/2
Vcc=5V
Vcc=3.3V
Vcc=2.7V
Frequency
(Hz)
0.01
0.1
1
0.001
0.010
0.100
f=1kHz
Rl=2kOhms
Gain=1
BW=22kHz
Vicm=(Vcc+1V)/2
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Output Voltage (V)
100
1000
10000
20
40
60
80
100
120
140
Fr equ e n cy
( kH z)
Vcc=5V
Tamb=25°C
Vicm=4.5V
Vicm=0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com