Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD78044F
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78044F Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD78044F Datasheet HTML 34Page - Renesas Technology Corp UPD78044F Datasheet HTML 35Page - Renesas Technology Corp UPD78044F Datasheet HTML 36Page - Renesas Technology Corp UPD78044F Datasheet HTML 37Page - Renesas Technology Corp UPD78044F Datasheet HTML 38Page - Renesas Technology Corp UPD78044F Datasheet HTML 39Page - Renesas Technology Corp UPD78044F Datasheet HTML 40Page - Renesas Technology Corp UPD78044F Datasheet HTML 41Page - Renesas Technology Corp UPD78044F Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
36
mPD78042F, 78043F, 78044F, 78045F
The following total power consumption calculation example assumes the case where the characters shown in the
figure on the next page are displayed.
Example: The operating conditions are as follows:
VDD = 5 V ±10 %, operating at 5.0 MHz
Supply current (IDD) = 21.6 mA
Display outputs: 11 grids
¥ 10 segments (cut width is 1/16)
It is assumed that up to 15 mA flows to each grid pin, and that up to 3 mA flows to each segment pin.
It is also assumed that all display outputs are turned off at key scan timings.
Display output voltage: grid
VO3 = VDD – 2 V (Voltage drop of 2 V is assumed.)
segment
VO3 = VDD – 0.4 V (Voltage drop of 0.4 V is assumed.)
Voltage applied to fluorescent indication panel (VLOAD) = –30 V
Mask-option pull-down resistor = 25 k
Ω
The total power loss is calculated by determining power consumption
1
to
3
under the above
conditions.
1
Power consumption of CPU: 5.5 V
¥ 21.6 mA = 118.8 mW
2
Power consumption at output pins:
total current for all grids
Grid:
(VDD – VO3)
¥
¥ digit width (1 – cut width) =
number of grids + 1
15 mA
¥ 11 grids
2 V
¥
¥ (1 – 1/16) = 25.8 mW
11 grids + 1
total segment current for all dots to be lit
Segment: (VDD – VO3)
¥
=
number of grids + 1
3 mA
¥ 31 dots
0.4 V
¥
= 3.1 mW
11 grids + 1
3
Power consumption at pull-down resistors:
Grid:
(VO3 – VLOAD)2
number of grids
¥
¥ digit width =
pull-down resistance
number of grids + 1
(5.5 V – 2 V – (–30 V))2
11 grids
¥
¥ (1 – 1/16) = 38.6 mW
25 k
Ω
11 grids + 1
Segment:
(VO3 – VLOAD)2
number of dots to be lit
¥
=
pull-down resistance
number of grids + 1
(5.5 V – 0.4 V – (–30 V))2
31 dots
¥
= 127.3 mW
25 k
Ω
11 grids + 1
Total power consumption =
1
+
2
+
3
= 118.8 + 25.8 + 3.1 + 38.6 + 127.3 = 313.6 mW
In this example, the total power consumption does not exceed the rated value for the permissible total power loss
shown in the graph on the previous page. Therefore, the calculation result in this example (313.6 mW) satisfies the
requirement. If the total power consumption exceed the rated value for the permissible total power loss, the power
consumption must be reduced, by reducing the number of built-in pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com