Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78044F
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78044F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78044F Datasheet HTML 9Page - Renesas Technology Corp UPD78044F Datasheet HTML 10Page - Renesas Technology Corp UPD78044F Datasheet HTML 11Page - Renesas Technology Corp UPD78044F Datasheet HTML 12Page - Renesas Technology Corp UPD78044F Datasheet HTML 13Page - Renesas Technology Corp UPD78044F Datasheet HTML 14Page - Renesas Technology Corp UPD78044F Datasheet HTML 15Page - Renesas Technology Corp UPD78044F Datasheet HTML 16Page - Renesas Technology Corp UPD78044F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
mPD78042F, 78043F, 78044F, 78045F
11
3.2
PINS OTHER THAN PORT PINS (1/2)
Pin name
I/O
Function
On reset
Shared by:
INTP0
Input
Valid edge (rising, falling, or both rising and falling edges) can
Input
P00/TI0
INTP1
be specified.
P01
INTP2
External interrupt input
P02
INTP3
Falling edge-active external interrupt input
Input
P03/CI0
SI0
Input
Serial data input lines of serial interface
Input
P25/SB0
SI1
P20
SO0
Output
Serial data output lines of serial interface
Input
P26/SB1
SO1
P21
SB0
I/O
Serial data I/O lines of serial interface
Input
P25/SI0
SB1
P26/SO0
SCK0
I/O
Serial clock I/O lines of serial interface
Input
P27
SCK1
P22
STB
Output
Automatic transmission/reception strobe output line of serial
Input
P23
interface
BUSY
Input
Automatic transmission/reception busy input line of serial interface
Input
P24
TI0
Input
External count clock input to 16-bit timer (TM0)
Input
P00/INTP0
TI1
External count clock input to 8-bit timer (TM1)
P33
TI2
External count clock input to 8-bit timer (TM2)
P34
TO0
Output
16-bit timer output (multiplexed with 14-bit PWM output)
Input
P30
TO1
8-bit timer output
P31
TO2
P32
CI0
Input
Clock input to 6-bit up/down counter
Input
P03/INTP3
PCL
Output
Clock output (for trimming main system clock and subsystem
Input
P35
clock)
BUZ
Output
Buzzer output
Input
P36
FIP0, FIP1
Output
High-voltage, high-current digit/segment output of FIP
Output
P80, P81
FIP2-FIP9
controller/driver
P90-P97
FIP10-FIP15
Output
High-voltage, high-current digit/segment output of FIP
Output
P100-P105
controller/driver
FIP16, FIP17
Output
High-voltage segment output of FIP controller/driver
Output
P106, P107
FIP18-FIP25
Input
P110-P117
FIP26-FIP33
P120-P127
VLOAD
—
Connects pull-down resistor to FIP controller/driver
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com