Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD78044F
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78044F Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD78044F Datasheet HTML 46Page - Renesas Technology Corp UPD78044F Datasheet HTML 47Page - Renesas Technology Corp UPD78044F Datasheet HTML 48Page - Renesas Technology Corp UPD78044F Datasheet HTML 49Page - Renesas Technology Corp UPD78044F Datasheet HTML 50Page - Renesas Technology Corp UPD78044F Datasheet HTML 51Page - Renesas Technology Corp UPD78044F Datasheet HTML 52Page - Renesas Technology Corp UPD78044F Datasheet HTML 53Page - Renesas Technology Corp UPD78044F Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
48
mPD78042F, 78043F, 78044F, 78045F
(iii) SBI mode (SCK0: Internal clock output)
Note
R is a load resistance of the SCK0, SB0, or SB1 output line, and C is its load capacitance.
(iv) SBI mode (SCK0: External clock input)
Note
R is a load resistance of the SB0 or SB1 output line, and C is its load capacitance.
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY3
VDD = 4.5 to 5.5 V
800
ns
3200
ns
SCK0 high, low-level width
tKH3
VDD = 4.5 to 5.5 V
tKCY3/2 – 50
ns
tKL3
tKCY3/2 – 150
ns
SB0, SB1 setup time to SCK0
↑ tSIK3
VDD = 4.5 to 5.5 V
100
ns
300
ns
SB0, SB1 hold time from
tKSI3
tKCY3/2
ns
SCK0
↑
SCK0
ØÆSB0, SB1 output
tKSO3
R = 1 k
W,
VDD = 4.5 to 5.5 V
0
250
ns
delay time
C = 100 pFNote
0
1000
ns
SCK0
↑ÆSB0, SB1Ø
tKSB
tKCY3
ns
SB0, SB1
ØÆ SCK0Ø
tSBK
tKCY3
ns
SB0, SB1 high-level width
tSBH
tKCY3
ns
SB0, SB1 low-level width
tSBL
tKCY3
ns
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY4
VDD = 4.5 to 5.5 V
800
ns
3200
ns
SCK0 high, low-level width
tKH4
VDD = 4.5 to 5.5 V
400
ns
tKL4
1600
ns
SB0, SB1 setup time to SCK0
↑ tSIK4
VDD = 4.5 to 5.5 V
100
ns
300
ns
SB0, SB1 hold time from
tKSI4
tKCY4/2
ns
SCK0
↑
SCK0
ØÆSB0, SB1 output
tKSO4
R = 1 k
W,
VDD = 4.5 to 5.5 V
0
300
ns
delay time
C = 100 pFNote
0
1000
ns
SCK0
↑ÆSB0, SB1Ø
tKSB
tKCY4
ns
SB0, SB1
ØÆSCK0Ø
tSBK
tKCY4
ns
SB0, SB1 high-level witdh
tSBH
tKCY4
ns
SB0, SB1 low-level width
tSBL
tKCY4
ns
SCK0 rise time and fall time
tR4
160
ns
tF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com