Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78095 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78095
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78095 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78095 Datasheet HTML 35Page - Renesas Technology Corp UPD78095 Datasheet HTML 36Page - Renesas Technology Corp UPD78095 Datasheet HTML 37Page - Renesas Technology Corp UPD78095 Datasheet HTML 38Page - Renesas Technology Corp UPD78095 Datasheet HTML 39Page - Renesas Technology Corp UPD78095 Datasheet HTML 40Page - Renesas Technology Corp UPD78095 Datasheet HTML 41Page - Renesas Technology Corp UPD78095 Datasheet HTML 42Page - Renesas Technology Corp UPD78095 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
µPD78094, 78095, 78096, 78098A
37
11. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
AVDD
–0.3 to VDD + 0.3
V
AVREF0
–0.3 to VDD + 0.3
V
AVREF1
–0.3 to VDD + 0.3
V
AVSS
–0.3 to +0.3
V
Input voltage
VI1
P00-P07, P10-P17, P20-P27, P30-P37,
–0.3 to VDD + 0.3
V
P40-P47, P50-P57, P64-P67, P70-P72,
P120-P127, P130, P131, X1, X2, XT2,
RESET
VI2
P60-P63
N-ch open-drain
–0.3 to +16
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Analog input voltage
VAN
P10-P17
Analog input pins
AVSS – 0.3 to AVREF0 + 0.3
V
Output current, high
IOH
Per pin
–10
mA
Total for P01-P06, P30-P37, P56, P57,
–15
mA
P60-P67, P120-P127
Total for P10-P17, P20-P27, P40-P47,
–15
mA
P50-P55, P70-P72, P130, P131
Output current, low
IOL Note
Per pin
Peak value 30
mA
r.m.s. value 15
mA
Total for P50-P55
Peak value 100
mA
r.m.s. value 70
mA
Total for P56, P57, P60-P63
Peak value 100
mA
r.m.s. value 70
mA
Total for P10-P17, P20-P27,
Peak value 50
mA
P40-P47, P70-P72, P130, P131
r.m.s. value 20
mA
Total for P01-P06, P30-P37,
Peak value 50
mA
P64-P67, P120-P127
r.m.s. value 20
mA
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Power dissipation
Pd
650
mW
Note The r.m.s. value should be calculated as follows: [r.m.s. value] = [Peak value] x
Duty
Caution
Exposure to Absolute Maximum Ratings for extended periods may affect device reliablity; exceeding the
ratings could cause permanent damege. The parameters apply independently.
Remark
Unless otherwise specified, dual-function pin characteristics are the same as port pin characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com