Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78095 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD78095
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78095 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD78095 Datasheet HTML 19Page - Renesas Technology Corp UPD78095 Datasheet HTML 20Page - Renesas Technology Corp UPD78095 Datasheet HTML 21Page - Renesas Technology Corp UPD78095 Datasheet HTML 22Page - Renesas Technology Corp UPD78095 Datasheet HTML 23Page - Renesas Technology Corp UPD78095 Datasheet HTML 24Page - Renesas Technology Corp UPD78095 Datasheet HTML 25Page - Renesas Technology Corp UPD78095 Datasheet HTML 26Page - Renesas Technology Corp UPD78095 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
µPD78094, 78095, 78096, 78098A
21
5.3
Timer/Event Counter
There are the following five timer/event counter channels:
• 16-bit timer/event counter
: 1 channel
• 8-bit timer/event counter
: 2 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
Table 5-2. Types and Functions of Timer/Event Counters
16-bit Timer/Event
8-bit Timer/Event
Watch Timer
Watchdog Timer
Counter
Counter
Type
Interval timer
1 channel
2 channels
1 channel
1 channel
External event counter
1 channel
2 channels
—
—
Function
Timer output
1 output
2 outputs
—
—
PWM output
1 output
—
—
—
Pulse width measurement
2 inputs
—
—
—
Square wave output
1 output
2 outputs
—
—
One-shot pulse output
1 output
—
—
—
Interrupt request
2
2
1
1
Test input
—
—
1
—
Figure 5-2. 16-Bit Timer/Event Counter Block Diagram
Match
Match
Clear
Selector
16-Bit Capture/
Compare Register
(CR00)
Internal Bus
Output
Control Circuit
INTP1
INTTM00
TO0/P30
INTTM01
INTP0
TI01/P01/
INTP1
Watch Timer
Output
2fXX
fXX
fXX/2
fXX/2
TI00/P00/
INTP0
Edge
Detector
Internal Bus
16-Bit Capture/
Compare Register
(CR01)
PWM Pulse
Output
Control
Circuit
16-Bit Timer
Register (TM0)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com