Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78095 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78095
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78095 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78095 Datasheet HTML 9Page - Renesas Technology Corp UPD78095 Datasheet HTML 10Page - Renesas Technology Corp UPD78095 Datasheet HTML 11Page - Renesas Technology Corp UPD78095 Datasheet HTML 12Page - Renesas Technology Corp UPD78095 Datasheet HTML 13Page - Renesas Technology Corp UPD78095 Datasheet HTML 14Page - Renesas Technology Corp UPD78095 Datasheet HTML 15Page - Renesas Technology Corp UPD78095 Datasheet HTML 16Page - Renesas Technology Corp UPD78095 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
µPD78094, 78095, 78096, 78098A
11
3.1
Port Pins (2/2)
Pin Name
I/O
Function
After
Alternate
Reset
Function Pin
P50-P57
Input/
Port 5
Input
A8-A15
Output
8-bit input/output port.
LEDs can be driven directly.
Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be connected by software.
P60
Input/
Port 6
N-ch open-drain input/output
Input
—
P61
Output
8-bit input/output port.
port. On-chip pull-up resistor
P62
Input/output can be
can be specified by mask option.
P63
specified bit-wise.
LED can be driven directly.
P64
When used as an input port,
Input
RD
P65
pull-up resistor can be
WR
P66
connected by software.
WAIT
P67
ASTB
P70
Input/
Port 7
Input
SI2/RxD
P71
Output
3-bit input/output port.
SO2/TxD
P72
Input/output can be specified bit-wise.
SCK2/ASCK
When used as an input port, pull-up resistor can be connected by software.
P120-P123
Input/
Port 12
Input
RTP0-RTP3
P124
Output
8-bit input/output port.
RTP4/TX
P125
Input/output can be specified bit-wise.
RTP5/RX
P126, P127
When used as an input port, pull-up resistor can be connected by software.
RTP6, RTP7
P130, P131
Input/
Port 13
Input
ANO0, ANO1
Output
2-bit input/output port.
Input/output can be specified bit-wise.
When used as an input port, pull-up resistor can be connected by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com