Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78095 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78095
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78095 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78095 Datasheet HTML 17Page - Renesas Technology Corp UPD78095 Datasheet HTML 18Page - Renesas Technology Corp UPD78095 Datasheet HTML 19Page - Renesas Technology Corp UPD78095 Datasheet HTML 20Page - Renesas Technology Corp UPD78095 Datasheet HTML 21Page - Renesas Technology Corp UPD78095 Datasheet HTML 22Page - Renesas Technology Corp UPD78095 Datasheet HTML 23Page - Renesas Technology Corp UPD78095 Datasheet HTML 24Page - Renesas Technology Corp UPD78095 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
µPD78094, 78095, 78096, 78098A
19
Port Name
Pin Name
Function
Port 0
P00, P07
Input only.
P01-P06
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 1
P10-P17
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 2
P20-P27
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 3
P30-P37
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 4
P40-P47
Input/output port. Input/output can be specified in 8-bit units.
When used as an input port, on-chip pull-up resistor can be connected by software.
The test input flag (KRIF) is set to 1 by falling edge detection.
Port 5
P50-P57
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
LEDs can be driven directly.
Port 6
P60-P63
N-ch open-drain input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be connected by mask option.
LEDs can be driven directly.
P64-P67
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 7
P70-P72
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 12
P120-P127
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
Port 13
P130, P131
Input/output port. Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be connected by software.
5.
PERIPHERAL HARDWARE FUNCTIONS
5.1
Ports
Input/output ports are classified into three types.
• CMOS input (P00, P07)
: 2
• CMOS input/output (P01-P06, Ports 1-5, P64-P67, Port 7, Port 12, Port 13)
: 63
• N-ch open-drain input/output (P60-P63)
: 4
Total
:69
Table 5-1. Functions of Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com