Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 35Page - Renesas Technology Corp UPD78323LP Datasheet HTML 36Page - Renesas Technology Corp UPD78323LP Datasheet HTML 37Page - Renesas Technology Corp UPD78323LP Datasheet HTML 38Page - Renesas Technology Corp UPD78323LP Datasheet HTML 39Page - Renesas Technology Corp UPD78323LP Datasheet HTML 40Page - Renesas Technology Corp UPD78323LP Datasheet HTML 41Page - Renesas Technology Corp UPD78323LP Datasheet HTML 42Page - Renesas Technology Corp UPD78323LP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
37
µPD78323, 78324
3.8
A/D CONVERTER
The
µPD78324 incorporates a high-speed, high-resolution 10-bit analog/digital (A/D) converter. This A/D converter is
equipped with eight analog inputs (AN0 to AN7) and A/D conversion result register (ADCR) which holds the conversion
results. Upon termination of conversion, the interrupt which can start the macro service is generated.
Figure 3-5. A/D Converter Block Diagram
3.9
SERIAL INTERFACE
The
µPD78324 is equipped with the following two independent channels for the serial interface function.
Asynchronous serial interface
Clock synchronous serial interface
•
3-wire serial I/O mode
•
Serial bus interface mode (SBI mode)
Since the
µPD78324 incorporates a baud rate generator, it can set any serial transfer rate irrespective of the operating
frequency. The baud rate generator functions for the 2-channel serial interface.
The serial transfer rate can be selected from 75 bps to 19.2 Kbps by setting the mode register.
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
ADM (8)
Internal Bus
8
Sample & Hold Circuit
Comparator
SAR (10)
D/A Converter
ADCR (10)
10
Internal Bus
AVREF
AVSS
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com