Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 45Page - Renesas Technology Corp UPD78323LP Datasheet HTML 46Page - Renesas Technology Corp UPD78323LP Datasheet HTML 47Page - Renesas Technology Corp UPD78323LP Datasheet HTML 48Page - Renesas Technology Corp UPD78323LP Datasheet HTML 49Page - Renesas Technology Corp UPD78323LP Datasheet HTML 50Page - Renesas Technology Corp UPD78323LP Datasheet HTML 51Page - Renesas Technology Corp UPD78323LP Datasheet HTML 52Page - Renesas Technology Corp UPD78323LP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
47
µPD78323, 78324
6.
EXTERNAL DEVICE EXPANSION FUNCTION
The
µPD78324 can expand external devices (data memory, program memory peripheral device) for areas (8000H to
FAFFH) except the internal ROM and RAM areas. Table 6-1 and 6-2 show the pin used for external device access and the
pin function setting procedure.
Table 6-1. Pin Function Setting (
µPD78324)
Memory Expansion
Mode Register
MM0 to MM2
MM7
Fetch Cycle
Control
Register
00H
00H
Except 00H
EA Pin
1
Remarks
0
1
0
1
Port mode
Expansion
mode
General port
Setting prohibited
AD0 to AD7
RD
WR
External device
connection mode
µPD71P301
connection mode
Set to A8 to
A15 in steps
General port
TAS
TMD
Pin Function
P40 to P47
P50 to P57
P90
P91
P92
P93
P50 to P57 pins according to the externally expanded memory size. The memory can be expanded in steps from 256
bytes to about 32K bytes. The pins which are not used as the address bus can be used as the general-purpose input/output
port.
Table 6-2. Port and Address Setting for Port 5 (
µPD78324)
P57
P56
P55
P54
P53
P52
P51
P50
External Address Space
Port
Port
Port
Port
Port
Port
Port
Port
256 bytes or less
Port
Port
Port
Port
A11
A10
A9
A8
4K bytes or less
Port
Port
A13
A12
A11
A10
A9
A8
16K bytes or less
A15
A14
A13
A12
A11
A10
A9
A8
About 32K bytes or less
Table 6-3. Pin Function Setting (
µPD78323)
AD0 to AD7
A8 to A15
RD
WR
Memory Expansion
Mode Register
MM7
Fetch Cycle
Control
Register
00H
Except 00H
EA Pin
ASTB
1
Remarks
––
0
1
External device
connection mode
µPD71P301
connection mode
General port
TAS
TMD
Pin Function
AD0 to AD7
A8 to A15
RD
WR
P92
P93
µPD78324
emulation mode
TAS
TMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com