Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 64Page - Renesas Technology Corp UPD78323LP Datasheet HTML 65Page - Renesas Technology Corp UPD78323LP Datasheet HTML 66Page - Renesas Technology Corp UPD78323LP Datasheet HTML 67Page - Renesas Technology Corp UPD78323LP Datasheet HTML 68Page - Renesas Technology Corp UPD78323LP Datasheet HTML 69Page - Renesas Technology Corp UPD78323LP Datasheet HTML 70Page - Renesas Technology Corp UPD78323LP Datasheet HTML 71Page - Renesas Technology Corp UPD78323LP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
66
µPD78323, 78324
DC CHARACTERISTICS (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = 0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
VIL
0
0.8
V
VIH1
Note 1
2.2
VIH2
Note 2
0.8VDD
VOL
IOL = 2.0 mA
0.45
V
VOH
IOH = –400
µAVDD – 1.0
V
ILI
0 V
≤ VI ≤ VDD
±10
µA
ILO
0 V
≤ VO ≤ VDD
±10
µA
IDD1
Operating mode
40
75
mA
IDD2
HALT mode
20
45
mA
VDDDR
STOP mode
2.5
V
VDDDR = 2.5 V
2
10
µA
VDDDR = 5.0 V
±10 %
10
50
µA
Input voltage low
Output voltage low
Output voltage high
Input leakage current
V
Output leakage current
VDD supply current
Data retention voltage
Data retention current
STOP mode
IDDDR
Input voltage high
Notes 1. Except the pin descried in Note 2.
2. RESET, X1, X2, P20/NMI, P21/INTP0, P22/INTP1, P23/INTP2,P24/INTP3, P25/INTP4, P26/INTP5, P27/
INTP6/TI, P32/SO/SB0, P33/SI/SB1, P34/SCK pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com