Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD21520 Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  BTD21520 Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.basicsemi.com
3/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
PartNo.
PinConfiguration
Undervoltage
Threshold Temperature Package Package
Material Quantity Marking
BTD21520MAWR Dual-channel non-inverting
input, dead time configu-
rtion and disable function
6V
-40-125℃ SOW-14 Tape &
Reel
1500pcs
/Reel
BTD21520MA
BTD21520MBWR
8V
BTD21520MB
BTD21520SAWR Dual-channel non-inverting
input, disable function
6V
1500pcs
/Reel
BTD21520SA
BTD21520SBWR
8V
BTD21520SB
BTD21520EAWR Single PWM input, dead time
configuration and disable
function
6V
1500pcs
/Reel
BTD21520EA
BTD21520EBWR
8V
BTD21520EB
5.ProductInformation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com