Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD21520 Datasheet(PDF) 7 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 7 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.basicsemi.com
7/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
SYMBOL
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
InputCharacteristics
VIH Input logic 1 (IN1, IN2, DIS, PWM)
-
2.1 2.4 2.7
V
VIL Input logic 0 (IN1, IN2, DIS, PWM)
-
1.1 1.4 1.7
VIN_HYS Input Hysteresis
-
-
1
-
IIH High-level input leakage at INx or PWM
Input voltage is VCC
-
650
-
uA
IIL Low-level input leakage at INx or PWM
Input voltage is GND
-
-
5
Input voltage is GND-5V
-310 -80
-
IVCC VCC quiescent current
-
-
2
2 mA
IVDDx VDDx quiescent current
-
-
1
1.8
Primarysideundervoltagelockout(VCC)
VON1 Rising threshold voltage
-
-
2.6
-
V
VOFF1 Falling threshold voltage
-
-
2.5
-
VUV, HYS1 Threshold hysteresis
-
-
0.1
-
Secondarysideundervoltagelockout(VDDx)
VON2 Rising threshold voltage
BTD21520xAx
-
-
6
6.3
V
VOFF2 Falling threshold voltage
-
5.4 5.7
-
VUV, HYS2 Threshold hysteresis
-
-
0.3
-
VON2 Rising threshold voltage
BTD21520xBx
-
-
8.7 9.2
VOFF2 Falling threshold voltage
-
7.8 8.2
-
VUV, HYS2 Threshold hysteresis
-
-
0.5
-
OutputCharacteristics
IO+ Peak output source current
CVDD=10μF,
CLOAD=0.18μF, f=1kHz
-
4
-
A
IO- Peak output sink current
-
6
-
IVTS OUTx pin reverse sinking tolerance
1us pulse
-
5
-
VDD-VO Output voltage at high state
IOUT=10mA
-
60
- mV
VO-VEE Output voltage at low state
IOUT=-10mA
-
5.5
-
ROHx Output resistance at high state
IOUT=10mA, TA=25℃
-
6.5
-
Ω
ROLx Output resistance at low state
IOUT=-10mA, TA=25℃
-
0.5
-
ActivePull-DownFunction
VOUTSD Active pull-down function, the voltage value of OUTx pin
to VEEx pin in event of loss of power on VDDx
IOUT=-1A (current sinking into
OUTx pin), VDDx=floating
-
1.8 2.5 V
7.6ElectricalCharacteristics
TA=-40~125℃, VCC=3.3 or 5V, VDD1=VDD2=12V, CL(1) =100pF.Output pin: current towards outside of the chip is positive direction; Input
pin: current towards inside of the chip is positive direction.
SYMBOL
PARAMETER
TESTCONDITIONS
CORRESPONDINGFUNCTIONS MIN MAX UNIT
IS Safety output
supply current
RθJA=67.3°C/W,
TA=25°C, TJ= 150°C
VDD1/2=12V
OUT1, OUT2
-
75 mA
VDD1/2=25V
OUT1, OUT2
-
36
PS Safety supply power RθJA=67.3°C/W, VDD1/2=25V,
TA=25°C, TJ=150°C
INPUT
-
50
mW
OUT1
-
900
OUT2
-
900
TOTAL
-
1850
TS Safety temperature (1)
-
150 ℃
(1) The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device.The IS
and PS parameters represent the safety current and safety power respectively.The maximum limits of IS and PS should not beexceed-
ed.These limits vary with the ambient temperature, TA.
7.5Safety-LimitingValues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com