Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD21520 Datasheet(PDF) 10 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 10 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 14Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.basicsemi.com
10/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
8.5CMTITesting
Figure5.SimplifiedCMTITestSetup
8.6UVLODelayDuringICPower-On
At the process of device power-on, there is a time delay from the start of the supply voltage rise to the UVLO recovery
threshold, and then to the device output response, as shown in the figures below.tVCC+ to OUT is primary side power-on
UVLO delay (typical value 40us), and tVDD + to OUT is secondary side power-on UVLO delay (typical value 50us).It is suggest-
ed that after powering on the driver IC, adequate time margin is reserved before sending PWM signal to IC.If IN1 or IN2
is already at high level before VCC or VDDx reaches the recovery threshold, after tVCC+ to OUT or tVDD+ to OUT counting from the
time point when VCC or VDDx reaches the recovery threshold, the corresponding output will jump to a high level.How-
ever, when the VCC or VDDx voltage drops to the UVLO lockout threshold, the output will be completely blocked within
1us.This asymmetric design is to ensure safe operation of a VCC or VDDx in the event of a power failure.
Figure6-1.UVLOdelaywhentheVCCispoweredon
Figure6-2.UVLOdelaywhentheVDDxispoweredon
Functional
Isolation
VCC
VDD
VCC
Common Mode
Surge Generator
IN1
1
2
IN2
GND
DIS
DT
VCC
3
VCC
5
8
4
6
VDD1
OUT1
VDD2
OUT2
VEE2
VEE1
11
9
VEE
10
16
15
14
OUT1
OUT2
VCC,INx
OUT
VDD
tVCC+ to OUT
VVCC-ON
VVCC-OFF
VCC,INx
OUTx
VDDx
tVDD+ to OUT
VVDD-ON
VVDD-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com