Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD21520 Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.basicsemi.com
6/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
7.SpecificationParameters
7.1AbsoluteMaximumRatings
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC Input bias pin supply voltage (pin 3/pin 8)
GND-0.3
GND+20
V
VDDx Driver bias supply (to VEEx)
VEEx-0.3
VEEx+35
VO Output signal voltage
VEEx-0.3
VDDx+0.3
VIN Input signal voltage (INx, PWM, DIS, DT to GND)
GND-0.3
VCC+0.3
- Channel to channel voltage
-
1850
TJ Operating Junction Temperature
-40
150
°C
TS Storage Temperature
-65
150
TL Soldering Temperature (10s)
-
300
ESD Human-body model (HBM)
±4000
V
Charge-device model (CDM)
±1500
- Input signal voltage(IN1,IN2 Transient for 50ns)
-5
VCC+0.3
Note: The above are stress levels only.Devices are not recommended to operate under these or any other conditions beyond these
values.Prolonged operation under the absolute maximum rating may affect the reliability of the device, and in severe cases it may
cause permanent damage to the devices.
7.2ThermalResistanceInformation
SYMBOL
DESCRIPTION
SOW-14
UNIT
RθJA Junction-to-ambient thermal resistance
67.3
℃/W
RθJC(top) Junction-to-case (top) thermal resistance
34.4
RθJB Junction-to-board thermal resistance
32.1
ψJT Junction-to-top characterization parameter
18.0
ψJB Junction-to-board characterization parameter
31.6
7.3DissipatedPower
SYMBOL
PARAMETER
TESTCONDITIONS
RATING
UNIT
PD Power dissipation by BTD21520x
VCC=18V, VDD1/2=12V, IN1/2=3.3V, 3MHz,
50% duty cycle square wave, 1nF load
1.05
W
PDI Power dissipation by transmitter side of BTD21520x
0.05
PD1, PD2 Power dissipation by each driver side of BTD21520x
0.5
7.4RecommendedOperationConditions
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC Input supply voltage
3
18
V
VDDx Driver output bias supply
BTD21520xAx
6.5
25
BTD21520xBx
9.2
25
VIN Input Voltage Range IN1, IN2, PWM
0
VCC
V
TA Operating ambient temperature
-40
125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com