Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15A Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15A Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST12LP15A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
©2006 SST Communications Corp.
S71291-02-000
7/06
4
ELECTRICAL SPECIFICATIONS
The AC and DC specifications for the power amplifier interface signals. Refer to Table 2 for the DC voltage and current spec-
ifications. Refer to Figures 3 through 12 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Input power to pins 2 and 3 (PIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Average output power (POUT)1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the maximum rating
of average output power could cause permanent damage to the device.
Supply Voltage at pins 5, 12, 14, 16 (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4.6V
Reference voltage to pins 6 (VREF1) and pin 7 (VREF2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mA
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Operating Range
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.3V
TABLE
2: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Conditions
VCC
Supply Voltage at pins 5, 12, 14, 16
3.0
3.3
4.2
V
ICC
Supply Current
for 802.11g, 24 dBm
300
mA
for 802.11b, 25 dBm
350
mA
ICQ
Idle current for 802.11g to meet EVM<4% @ 23dBm
70
mA
IOFF
Shut down current
0.1
µA
VREG1
Reference Voltage for 1st Stage, with 169
Ω resistor
2.85
2.90
2.95
V
VREG2
Reference Voltage for 2nd Stage, with 140
Ω resistor
2.85
2.90
2.95
V
T2.1 1291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com