Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15A Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15A Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST12LP15A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
7
©2006 SST Communications Corp.
S71291-02-000
7/06
TYPICAL PERFORMANCE CHARACTERISTICS
TEST CONDITIONS: F1 = 2.45 GHZ, F2 = 2.451 GHZ, VCC = 3.3V, TA = 25°C
FIGURE 6: Gain vs POUT
FIGURE 7: IM3 vs POUT
FIGURE 8: ICC vs POUT
FIGURE 9: Detectors vs POUT
20
22
24
26
28
30
32
34
36
38
40
456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
Output Power (dBm)
-50
-45
-40
-35
-30
-25
-20
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
Output Power (dBm)
50
100
150
200
250
300
350
400
450
500
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
Output Power (dBm)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
0
2
4
6
8
1012
1416
1820
2224
26
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com