Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15A Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15A Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST12LP15A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
©2006 SST Communications Corp.
S71291-02-000
7/06
6
TYPICAL PERFORMANCE CHARACTERISTICS
TEST CONDITIONS: VCC = 3.3V, TA = 25°C
FIGURE 3: S-Parameters
FIGURE 4: In-band Return Loss
FIGURE 5: In-band Gain Flatness
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01.0
2.03.0
4.0
5.0
6.0
7.0
8.09.0
10.0
11.0
-40
-30
-20
-10
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
2.30
2.35
2.40
2.45
2.50
2.55
2.60
Frequency (GHz)
31.0
31.2
31.4
31.6
31.8
32.0
32.2
32.4
32.6
32.8
33.0
2.30
2.35
2.40
2.45
2.50
2.55
2.60
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com