Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15A Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15A Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP15A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2006 SST Communications Corp.
S71291-02-000
7/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
High Gain:
– Typically 32 dB gain across 2.4–2.5 GHz over
temperature 0°C to +85°C
•
High linear output power:
– >29 dBm P1dB
- Please refer to “Absolute Maximum Stress
Ratings” on page 4
– Meets 802.11g OFDM ACPR requirement up to
25 dBm
– Added EVM~4% up to 23 dBm for
54 Mbps 802.11g signal
– Added EVM~3.5% up to 23 dBm for
application over 2.3–2.4 GHz or
2.5–2.6 GHz WiBro/WiMax frequency bands
– Meets 802.11b ACPR requirement up to 25 dBm
•
High power-added efficiency/Low operating
current for both 802.11g/b applications
– ~26%/300 mA @ POUT = 24 dBm for 802.11g
– ~27%/350 mA @ POUT = 25 dBm for 802.11b
•
Built-in Ultra-low IREF power-up/down control
–IREF ~2 mA
•
Low idle current
–~70 mA ICQ
•
High-speed power-up/down
– Turn on/off time (10%-90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
– ~1 dB detector variation over 0°C to +85°C
•
Low shut-down current (< 0.1 µA)
•
On-chip power detection
•
25 dB dynamic range on-chip power detection
•
Simple input/output matching
•
Packages available
– 16-contact VQFN (3mm x 3mm)
•
All non-Pb (lead-free) devices are RoHS compliant
APPLICATIONS:
•
WLAN (IEEE 802.11g/b)
•Home RF
•
Cordless phones
•
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP15A is a high-power and high-gain power
amplifier based on the highly-reliable InGaP/GaAs HBT
technology.
The SST12LP15A can be easily configured for high-power
applications with superb power-added efficiency while
operating over the 2.4-2.5 GHz frequency band. It typically
provides 32 dB gain with 26% power-added efficiency @
POUT = 24 dBm for 802.11g and 27% power-added effi-
ciency @ POUT = 25 dBm for 802.11b.
The SST12LP15A has excellent linearity, typically ~4%
added EVM at 23 dBm output power which is essential for
54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask at 25 dBm. This device can be configured for
applications with an added EVM of approximately 3.5%, up
to 23 dBm over 2.3–2.4 GHz or 2.5–2.6 GHz WiBro/
WiMax frequency bands. SST12LP15A also has wide-
range (>25 dB), temperature-stable (~1 dB over 85°C), sin-
gle-ended/differential power detectors which lower users’
cost on power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control. Ultra-
low reference current (total IREF ~2 mA) makes the
SST12LP15A controllable by an on/off switching signal
directly from the baseband chip. These features coupled
with low operating current make the SST12LP15A ideal for
the final stage power amplification in battery-powered
802.11g/b WLAN transmitter applications.
The SST12LP15A is offered in 16-contact VQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
SST-GP1215A2.4 GHz High Gain High Power PA


Similar Part No. - SST12LP15A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP15A MICROCHIP-SST12LP15A Datasheet
168Kb / 15P
2.4 GHz High-Power and High-Gain Power Amplifier
2013 04/13
More results

Similar Description - SST12LP15A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP15A MICROCHIP-SST12LP15A Datasheet
168Kb / 15P
2.4 GHz High-Power and High-Gain Power Amplifier
2013 04/13
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com