| Electronic Components Datasheet Search |
|
SST25VF080B Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF080B Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc |
|
17 / 28 page ![]() Data Sheet 8 Mbit SPI Serial Flash SST25VF080B 17 ©2006 Silicon Storage Technology, Inc. S71296-01-000 1/06 Write-Enable (WREN) The Write-Enable (WREN) instruction sets the Write- Enable-Latch bit in the Status Register to 1 allowing Write operations to occur. The WREN instruction must be exe- cuted prior to any Write (Program/Erase) operation. The WREN instruction may also be used to allow execution of the Write-Status-Register (WRSR) instruction; however, the Write-Enable-Latch bit in the Status Register will be cleared upon the rising edge CE# of the WRSR instruction. CE# must be driven high before the WREN instruction is executed. FIGURE 16: WRITE ENABLE (WREN) SEQUENCE Write-Disable (WRDI) The Write-Disable (WRDI) instruction resets the Write- Enable-Latch bit and AAI bit to 0 disabling any new Write operations from occurring. The WRDI instruction will not terminate any programming operation in progress. Any pro- gram operation in progress may continue up to TBP after executing the WRDI instruction. CE# must be driven high before the WRDI instruction is executed. FIGURE 17: WRITE DISABLE (WRDI) SEQUENCE Enable-Write-Status-Register (EWSR) The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR) instruction and opens the status register for alteration. The Write-Status- Register instruction must be executed immediately after the execution of the Enable-Write-Status-Register instruction. This two-step instruction sequence of the EWSR instruc- tion followed by the WRSR instruction works like SDP (soft- ware data protection) command structure which prevents any accidental alteration of the status register values. CE# must be driven low before the EWSR instruction is entered and must be driven high before the EWSR instruction is executed. CE# SO SI SCK 01 2 3 4 5 6 7 06 HIGH IMPEDANCE MODE 0 MODE 3 1296 WREN.0 MSB CE# SO SI SCK 01 2 3 4 5 6 7 04 HIGH IMPEDANCE MODE 0 MODE 3 1296 WRDI.0 MSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |