Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
7
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the
size of the memory area, as defined in Table 4, to be soft-
ware protected against any memory Write (Program or
Erase) operation. The Write-Status-Register (WRSR)
instruction is used to program the BP3, BP2, BP1 and BP0
bits as long as WP# is high or the Block-Protect-Lock
(BPL) bit is 0. Chip-Erase can only be executed if Block-
Protection bits are all 0. After power-up, BP3, BP2, BP1
and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP3, BP2, BP1, and BP0 bits.
When the WP# pin is driven high (VIH), the BPL bit has no
effect and its value is “Don’t Care”. After power-up, the BPL
bit is reset to 0.
TABLE
4: SOFTWARE STATUS REGISTER BLOCK PROTECTION FOR SST25VF080B1
1. X = Don’t Care (RESERVED) default is “0
Protection Level
Status Register Bit2
2. Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected)
Protected Memory Address
BP3
BP2
BP1
BP0
8 Mbit
None
X
0
0
0
None
Upper 1/16
X
0
0
1
F0000H-FFFFFH
Upper 1/8
X
0
1
0
E0000H-FFFFFH
Upper 1/4
X
0
1
1
C0000H-FFFFFH
Upper 1/2
X
1
0
0
80000H-FFFFFH
All Blocks
X
1
0
1
00000H-FFFFFH
All Blocks
X
1
1
0
00000H-FFFFFH
All Blocks
X
1
1
1
00000H-FFFFFH
T4.0 1296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com