Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
15
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
32-KByte and 64-KByte Block-Erase
The 32-KByte Block-Erase instruction clears all bits in the
selected 32 KByte block to FFH. A Block-Erase instruction
applied to a protected memory area will be ignored. The
64-KByte Block-Erase instruction clears all bits in the
selected 64 KByte block to FFH. A Block-Erase instruction
applied to a protected memory area will be ignored. Prior to
any Write operation, the Write-Enable (WREN) instruction
must be executed. CE# must remain active low for the
duration of any command sequence. The 32-Kbyte Block-
Erase instruction is initiated by executing an 8-bit com-
mand, 52H, followed by address bits [A23-A0]. Address bits
[AMS-A15] (AMS = Most Significant Address) are used to
determine block address (BAX), remaining address bits can
be VIL or VIH. CE# must be driven high before the instruction
is executed. The 64-Kbyte Block-Erase instruction is initi-
ated by executing an 8-bit command D8H, followed by
address bits [A23-A0]. Address bits [AMS-A15] are used to
determine block address (BAX), remaining address bits can
be VIL or VIH. CE# must be driven high before the instruction
is executed. The user may poll the Busy bit in the software
status register or wait TBE for the completion of the internal
self-timed 32-KByte Block-Erase or 64-KByte Block-Erase
cycles. See Figures 12 and 13 for the 32-KByte Block-
Erase and 64-KByte Block-Erase sequences.
FIGURE 12: 32-KBYTE BLOCK-ERASE SEQUENCE
FIGURE 13: 64-KBYTE BLOCK-ERASE SEQUENCE
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
52
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1296 32KBklEr.0
MSB
MSB
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1296 63KBlkEr.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com