Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
Instructions
Instructions are used to read, write (Erase and Program),
and configure the SST25VF080B. The instruction bus
cycles are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, Write-Status-Register, or Chip-Erase instruc-
tions, the Write-Enable (WREN) instruction must be exe-
cuted first. The complete list of instructions is provided in
Table 5. All instructions are synchronized off a high to low
transition of CE#. Inputs will be accepted on the rising edge
of SCK starting with the most significant bit. CE# must be
driven low before an instruction is entered and must be
driven high after the last bit of the instruction has been
shifted in (except for Read, Read-ID, and Read-Status-
Register instructions). Any low to high transition on CE#,
before receiving the last bit of an instruction bus cycle, will
terminate the instruction in progress and return the device
to standby mode. Instruction commands (Op Code),
addresses, and data are all input from the most significant
bit (MSB) first.
TABLE
5: DEVICE OPERATION INSTRUCTIONS
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory at 25 MHz
0000 0011b (03H)
3
0
1 to
∞
25 MHz
High-Speed Read
Read Memory at 50 MHz
0000 1011b (0BH)
3
1
1 to
∞
50 MHz
4 KByte Sector-Erase3
3. 4KByte Sector Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of
memory array
0010 0000b (20H)
3
0
0
50 MHz
32 KByte Block-Erase4
4. 32KByte Block Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
50 MHz
64 KByte Block-Erase5
5. 64KByte Block Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
50 MHz
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
00
0
50 MHz
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
50 MHz
AAI-Word-Program6
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be
programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the
initial address [A23-A1] with A0=1.
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
∞
50 MHz
RDSR7
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
∞
50 MHz
EWSR
Enable-Write-Status-Register
0101b 0000b (50H)
0
0
0
50 MHz
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
50 MHz
WREN
Write-Enable
0000 0110b (06H)
0
0
0
50 MHz
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
50 MHz
RDID8
8. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s ID and
device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
30
1 to
∞
50 MHz
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
∞
50 MHz
EBSY
Enable SO to output RY/BY#
status during AAI programming
0111 0000b (70H)
0
0
0
50 MHz
DBSY
Disable SO to output RY/BY#
status during AAI programming
1000 0000b (80H)
0
0
0
50 MHz
T5.0
1296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com