Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BB Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29F400BB
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29F400BB Datasheet HTML 15Page - STMicroelectronics M29F400BB Datasheet HTML 16Page - STMicroelectronics M29F400BB Datasheet HTML 17Page - STMicroelectronics M29F400BB Datasheet HTML 18Page - STMicroelectronics M29F400BB Datasheet HTML 19Page - STMicroelectronics M29F400BB Datasheet HTML 20Page - STMicroelectronics M29F400BB Datasheet HTML 21Page - STMicroelectronics M29F400BB Datasheet HTML 22Page - STMicroelectronics M29F400BB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
M29F400BT, M29F400BB
Command interface
19/40
4.9
Erase Suspend command
The Erase Suspend Command may be used to temporarily suspend a Block Erase
operation and return the memory to Read mode. The command requires one Bus Write
operation.
The Program/Erase Controller will suspend within 15µs of the Erase Suspend Command
being issued. Once the Program/Erase Controller has stopped the memory will be set to
Read mode and the Erase will be suspended. If the Erase Suspend command is issued
during the period when the memory is waiting for an additional block (before the
Program/Erase Controller starts) then the Erase is suspended immediately and will start
immediately when the Erase Resume Command is issued. It will not be possible to select
any further blocks for erasure after the Erase Resume.
During Erase Suspend it is possible to Read and Program cells in blocks that are not being
erased; both Read and Program operations behave as normal on these blocks. Reading
from blocks that are being erased will output the Status Register. It is also possible to enter
the Auto Select mode: the memory will behave as in the Auto Select mode on all blocks until
a Read/Reset command returns the memory to Erase Suspend mode.
4.10
Erase Resume command
The Erase Resume command must be used to restart the Program/Erase Controller from
Erase Suspend. An erase can be suspended and resumed more than once.
Table 4.
Commands, 16-bit mode, BYTE = VIH
Command
Bus Write operations
1st
2nd
3rd
4th
5th
6th
Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data
Read/Reset
1X
F0
3555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass
Reset
2X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com