Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BB Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29F400BB
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29F400BB Datasheet HTML 23Page - STMicroelectronics M29F400BB Datasheet HTML 24Page - STMicroelectronics M29F400BB Datasheet HTML 25Page - STMicroelectronics M29F400BB Datasheet HTML 26Page - STMicroelectronics M29F400BB Datasheet HTML 27Page - STMicroelectronics M29F400BB Datasheet HTML 28Page - STMicroelectronics M29F400BB Datasheet HTML 29Page - STMicroelectronics M29F400BB Datasheet HTML 30Page - STMicroelectronics M29F400BB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
M29F400BT, M29F400BB
Program and erase times and endurance cycles
27/40
7
Program and erase times and endurance cycles
The Program and Erase times and the number of Program/ Erase cycles per block are
shown in Table 8. Exact erase times may change depending on the memory array condition.
Table 8.
Program/ Erase times endurance cycles(1)
1.
TA = 0 to 70°C, –40 to 85°C or –40 to 125°C
Parameter
Min
Typ(2)
2.
TA = 25°C, VCC = 5V.
Typical after
100k W/E Cycles
(2)
Max
Unit
Chip Erase (All bits in the memory set to ‘0’)
1.5
1.5
s
Chip Erase
5
5
20
s
Block Erase (64 Kbytes)
0.6
0.6
4
s
Program (Byte or Word)
8
8
150
µs
Chip Program (Byte by Byte)
4.5
4.5
18
s
Chip Program (Word by Word)
2.3
2.3
9
s
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com