Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BB Datasheet(PDF) 37 Page - STMicroelectronics

Part # M29F400BB
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M29F400BB Datasheet HTML 32Page - STMicroelectronics M29F400BB Datasheet HTML 33Page - STMicroelectronics M29F400BB Datasheet HTML 34Page - STMicroelectronics M29F400BB Datasheet HTML 35Page - STMicroelectronics M29F400BB Datasheet HTML 36Page - STMicroelectronics M29F400BB Datasheet HTML 37Page - STMicroelectronics M29F400BB Datasheet HTML 38Page - STMicroelectronics M29F400BB Datasheet HTML 39Page - STMicroelectronics M29F400BB Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
M29F400BT, M29F400BB
Part numbering
37/40
10
Part numbering
Note:
The last two characters of the ordering code may be replaced by a letter code for
preprogrammed parts, otherwise devices are shipped from the factory with the memory
content bits erased to ‘1’.
For a list of available options (Speed, Package, etc...) or for further information on any
aspect of this device, please contact the ST Sales Office nearest to you.
Table 18.
Ordering information scheme
Example:
M29F400BB
55 N 1
T
Device Type
M29
Operating Voltage
F = VCC = 5V ± 10%
Device Function
400B = 4 Mbit (512Kb x8 or 256Kb x16), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
45 = 45 ns
55 = 55 ns
70 = 70 ns
90 = 90 ns
Package
N = TSOP48: 12 x 20 mm
M = SO44
Temperature Range
1 = 0 to 70 °C
3 = –40 to 125 °C
6 = –40 to 85 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com