Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M29F400BB
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M29F400BB Datasheet HTML 32Page - STMicroelectronics M29F400BB Datasheet HTML 33Page - STMicroelectronics M29F400BB Datasheet HTML 34Page - STMicroelectronics M29F400BB Datasheet HTML 35Page - STMicroelectronics M29F400BB Datasheet HTML 36Page - STMicroelectronics M29F400BB Datasheet HTML 37Page - STMicroelectronics M29F400BB Datasheet HTML 38Page - STMicroelectronics M29F400BB Datasheet HTML 39Page - STMicroelectronics M29F400BB Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Package mechanical
M29F400BT, M29F400BB
36/40
Figure 13.
SO44 - 44 lead Plastic Small Outline, 500 mils body width, package
outline
1.
Drawing is not to scale.
Table 17.
SO44 - 44 lead Plastic Small Outline, 500 mils body width, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A3.00
0.118
A1
0.10
0.004
A2
2.69
2.56
2.79
0.106
0.101
0.110
b
0.35
0.50
0.014
0.020
c
0.18
0.28
0.007
0.011
D
28.50
28.37
28.63
1.122
1.117
1.127
ddd
0.10
0.004
E
16.03
15.77
16.28
0.631
0.621
0.641
E1
12.60
12.47
12.73
0.496
0.491
0.501
e
1.27
–
–
0.050
–
–
L
0.79
0.031
L1
1.73
0.068
Θ
8°
8°
N44
44
E1
44
e
D
c
E
1
22
23
b
SO-F
L
A1
A
ddd
A2
θ
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com