Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10A Datasheet(PDF) 55 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 51Page - STMicroelectronics STE10A Datasheet HTML 52Page - STMicroelectronics STE10A Datasheet HTML 53Page - STMicroelectronics STE10A Datasheet HTML 54Page - STMicroelectronics STE10A Datasheet HTML 55Page - STMicroelectronics STE10A Datasheet HTML 56Page - STMicroelectronics STE10A Datasheet HTML 57Page - STMicroelectronics STE10A Datasheet HTML 58Page - STMicroelectronics STE10A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
STE10/100A
Registers and descriptors description
55/82
CSR19 (offset = 8ch), PCIC - PCI bus performance counter
31~16
CLKCNT
The number of PCI clocks from read request
asserted to access completed. This PCI clock
count is accumulated for all the read command
cycles from the last CSR19 read to the current
CSR19 read.
0RO*
15~8
---
Reserved
7~0
DWCNT
The number of double words accessed by the
last bus master. This double word count is
accumulated for all bus master data transactions
from the last CSR19 read to the current CSR19
read.
0RO*
RO* = Read only and cleared by reading.
CSR20 (offset = 90h), PMCSR - Power management command and status
(The same register value mapping to CR49-PMR1)
31~16
---
Reserved
15
PMES
PME_Status. This bit is set whenever the
STE10/100A detects a wake-up event,
regardless of the state of the PME-En bit.
Writing a “1” to this bit will clear it, causing the
STE10/100A to deassert PME# (if so enabled).
Writing a “0” has no effect.
0RO
14,13
DSCAL
Data_Scale. Indicates the scaling factor to be
used when interpreting the value of the data
register. This field is required for any function
that implements the data register.
The STE10/100A does not support data register
and Data_Scale.
00b
RO
12~9
DSEL
Data_Select. This four bit field is used to select
which data is to be reported through the data
register and Data_Scale field. This field is
required for any function that implements the
data register.
The STE10/100A does not support Data_select.
0000b
RO
8PME_En
PME_En. When set, enables the STE10/100A to
assert PME#. When cleared, disables the PME#
assertion.
0RO
7~2
---
Reserved
000000b
RO
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com