Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10A Datasheet(PDF) 58 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 54Page - STMicroelectronics STE10A Datasheet HTML 55Page - STMicroelectronics STE10A Datasheet HTML 56Page - STMicroelectronics STE10A Datasheet HTML 57Page - STMicroelectronics STE10A Datasheet HTML 58Page - STMicroelectronics STE10A Datasheet HTML 59Page - STMicroelectronics STE10A Datasheet HTML 60Page - STMicroelectronics STE10A Datasheet HTML 61Page - STMicroelectronics STE10A Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
Registers and descriptors description
STE10/100A
58/82
4.3
Transceiver(XCVR) registers
There are 11 16-bit registers supporting the transceiver portion of STE10/100A, including 7
basic registers defined according to clause 22 “Reconciliation Sublayer and Media
Independent Interface” and clause 28 “Physical Layer link signaling for 10 Mb/s and 100
Mb/s auto-negotiation on twisted pair” of the IEEE802.3u standard. In addition, 4 special
registers are provided for advanced chip control and status.
Note:
Since only double word access is supported for register R/W in the STE10/100A, the higher
word (bit 31~16) of the XCVR registers (XR0~XR10) should be ignored.
Table 9.
Transceiver registers list
Offset from
base address
of CSR
Reg. index
Name
Register descriptions
b4h
XR0
XCR
XCVR control register
b8h
XR1
XSR
XCVR status register
bch
XR2
PID1
PHY identifier 1
c0h
XR3
PID2
PHY identifier 2
c4h
XR4
ANA
Auto-negotiation advertisement register
c8h
XR5
ANLPA
Auto-negotiation link partner ability register
cch
XR6
ANE
Auto-negotiation expansion register
d0h
XR7
XMC
XCVR mode control register
d4h
XR8
XCIIS
XCVR configuration information and interrupt status
register
d8h
XR9
XIE
XCVR interrupt enable register
dch
XR10
100CTR
100BASE-TX PHY control/status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com