Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10A Datasheet(PDF) 61 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 57Page - STMicroelectronics STE10A Datasheet HTML 58Page - STMicroelectronics STE10A Datasheet HTML 59Page - STMicroelectronics STE10A Datasheet HTML 60Page - STMicroelectronics STE10A Datasheet HTML 61Page - STMicroelectronics STE10A Datasheet HTML 62Page - STMicroelectronics STE10A Datasheet HTML 63Page - STMicroelectronics STE10A Datasheet HTML 64Page - STMicroelectronics STE10A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
STE10/100A
Registers and descriptors description
61/82
XR4(offset = c4h) - ANA, Auto-negotiation advertisement
15
NXTPG
Next page ability.
Always 0; STE10/100A does not provide next
page ability.
0RO
14
---
reserved
13
RF
Remote fault function.
1: remote fault function present
0R/W
12,11
---
Reserved
10
FC
Flow control function ability.
1: supports PAUSE operation of flow control for
full duplex link.
1R/W
9T4
100BASE-T4 ability.
Always 0; STE10/100A does not provide
100BASE-T4 ability.
0RO
8TXF
100BASE-TX full duplex ability.
1: 100Base-TX full duplex ability supported
1R/W
7TXH
100BASE-TX half duplex ability.
1: 100Base-TX ability supported.
1R/W
6
10F
10BASE-T full duplex ability.
1: 10Base-T full duplex ability supported.
1R/W
5
10H
10BASE-T half duplex ability.
1: 10Base-T ability supported.
1R/W
4~0
SF
Select field. Default 00001=IEEE 802.3
00001
RO
XR5(offset = c8h) - ANLP, Auto-negotiation link partner ability
15
LPNP
Link partner next page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
14
LPACK
Received link partner acknowledge.
0: link code word not yet received.
1: link partner successfully received
STE10/100A’s link code word.
0RO
13
LPRF
Link partner’s remote fault status.
0: no remote fault detected.
1: remote fault detected.
0RO
12,11
---
Reserved
0
RO
10
LPFC
Link partner’s flow control ability.
0: link partner without PAUSE function ability.
1, link partner with PAUSE function ability for full
duplex link.
0RO
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com