Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 27Page - Texas Instruments TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments TMS320VC549 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ready timing for externally generated wait states
timing requirements for externally generated wait states [H = 0.5 tc(CO)]† (see Figure 10, Figure 11,
Figure 12, and Figure 13)
549-80
549-100
549-120
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
6
5
5
ns
th(RDY)
Hold time, READY after CLKOUT low
0
0
0
ns
tv(RDY)MSTRB
Valid time, READY after MSTRB low‡
4H − 10
4H−8
4H−8
ns
th(RDY)MSTRB
Hold time, READY after MSTRB low‡
4H
4H
4H
ns
tv(RDY)IOSTRB
Valid time, READY after IOSTRB low‡
5H − 10
5H−8
5H−8
ns
th(RDY)IOSTRB
Hold time, READY after IOSTRB low‡
5H
5H
5H
ns
tv(MSCL)
Valid time, MSC low after CLKOUT low
0
5
0
4
0
4
ns
tv(MSCH)
Valid time, MSC high after CLKOUT low
0
5
0
4
0
4
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by
READY, at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com