Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial port transmit timing
switching characteristics over recommended operating conditions for serial port transmit with
external clocks and frames (see Figure 22)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
MAX
td(DX)
Delay time, DX valid after CLKX rising
25
ns
th(DX)
Hold time, DX valid after CLKX rising
− 5
ns
tdis(DX)
Disable time, DX after CLKX rising
40
ns
timing requirements over recommended operating conditions for serial port transmit with external
clocks and frames [H = 0.5tc(CO)] (see Figure 22)
549-80
549-100
549-120
UNIT
MIN
MAX
tc(SCK)
Cycle time, serial port clock
6H
†
ns
th(FSX)
Hold time, FSX after CLKX falling edge (see Note 1)
6
ns
th(FSX)H Hold time, FSX after CLKX rising edge (see Note 1)
2H−3‡
ns
td(FSX)
Delay time, FSX after CLKX rising edge
2H−3
ns
tf(SCK)
Fall time, serial port clock
6
ns
tr(SCK)
Rise time, serial port clock
6
ns
tw(SCK)
Pulse duration, serial port clock low/high
3H
ns
† The serial port design is fully static and, therefore, can operate with tc(SCK) approaching ∞. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ If the FSX pulse does not meet this specification, the first bit of serial data is driven on DX until the falling edge of FSX. After the falling edge of
FSX, data is shifted out on DX pin. The transmit buffer-empty interrupt is generated when the th(FSX) and th(FSX)H specification is met.
NOTE 1: Internal clock with external FSX and vice versa are also allowable. However, FSX timings to CLKX always are defined depending on
the source of FSX, and CLKX timings always are dependent upon the source of CLKX. Specifically, the relationship of FSX to CLKX
is independent of the source of CLKX.
DX BIT
FSX
CLKX
8/16
7/15
2
1
th(DX)
td(DX)
tw(SCK)
tw(SCK)
tc(SCK)
td(FSX)
th(FSX)H
th(FSX)
tdis(DX)
tr(SCK)
tf(SCK)
Figure 22. Serial Port Transmit Timing With External Clocks and Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com