Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 24Page - Texas Instruments TMS320VC549 Datasheet HTML 25Page - Texas Instruments TMS320VC549 Datasheet HTML 26Page - Texas Instruments TMS320VC549 Datasheet HTML 27Page - Texas Instruments TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory and parallel I/O interface timing (continued)
IS
R/W
IOSTRB
D[15:0]
A[15:0]
CLKOUT
td(CLKH-ISTRBH)
th(A)IOW
th(D)IOW
td(CLKH-D)IOW
td(CLKH-ISTRBL)
td(CLKL-A)
td(CLKL-RWL)
td(CLKL-RWH)
tsu(A)IOSTRBL
tsu(D)IOSTRBH
Figure 8. Parallel I/O Port Write (IOSTRB = 0)
I/O timing variation with load capacitance: SPICE simulation results
90%
10%
Condition: Temperature
Capacitance
Voltage
Model
: 125
° C
: 0 − 100pF
: 2.7 / 3.0 / 3.3 V
: Weak / Nominal / Strong
Figure 9. Rise and Fall Time Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com