Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments TMS320VC549 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial-port transmit timing in TDM mode (continued)
timing requirements over recommended ranges of supply voltage and operating free-air
temperature [H = 0.5tc(CO)] (see Figure 28)
549−80
549-100
549-120
UNIT
MIN
MAX
tc(SCK)
Cycle time, serial-port clock
16H†
‡
ns
tf(SCK)
Fall time, serial-port clock
6
ns
tr(SCK)
Rise time, serial-port clock
6
ns
tw(SCK)
Pulse duration, serial-port clock low/high
8H†
ns
† When SCK is generated internally, this value is typical.
‡ The serial-port design is fully static and, therefore, can operate with tc(SCK) approaching 1. It is characterized approaching an input frequency
of 0 Hz but tested as a much higher frequency to minimize test time.
A7
B2
B8
B7
A3
B12
A2
A0
A1
B0
B1
B13
B14
B0
tw(SCK)
tw(SCK)
th(TCH-TDV)
td(TCH-TFV)
TFRM
TADD
TDAT
TCLK
B15
tc(SCK)
td(TC-TDV)
th(TCH-TDV)
td(TCH-TFV)
td(TC-TDV)
tr(SCK)
tf(SCK)
Figure 28. Serial-Port Transmit Timing in TDM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com