Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9560A1 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 6Page - Micro Analog systems MAS9560A1 Datasheet HTML 7Page - Micro Analog systems MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10 (25)
DA9560.001
20 January, 2005
◆ Dynamic Performance in LDO mode
LSVDD = VBAT = 3.6 V, EPVDD = HPVDD = VLDO = 2.86 V (LDO-mode), -40
°C ≤ TA ≤ +85°C, typical values
at TA = +27°C, unless otherwise noted
Parameter
Pin Name Conditions
Min
Nom
Max
Unit
Headphone Full Scale
Output Level
HPL,HPR
, HPCM
No load, Volumes = 0 dB
2.04
Vpp
Earpiece Full Scale
Output Level
EPP,
EPN
No load, Volumes = 0 dB
4.08
Vpp
Loudspeaker Full Scale
Output Level
LSP,LSN
No load, Volumes = 0 dB
4.08
Vpp
Analog to Headphone
-1.2
0
+1.2
Analog to Earpiece
-1.2
0
+1.2
Absolute 0 dB Gain,
Analog In to Analog Out
(unweighted), DAC off
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM,
EPP,
EPN,
LSP, LSN
Analog to Loudspeaker
-1.2
0
+1.2
dB
Headphone
-40
-75
Earpiece
-40
-75
Loudspeaker
-40
-75
Analog Input (AIN)
-40
-60
Mute Level
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM,
EPP,
EPN,
LSP, LSN
Auxiliary Input (AUXL, AUXR)
-40
-65
dB
HPL,
HPR,
(HPCM)
DAC to
Headphone
81
dB
EPP,
EPN
DAC to
Earpiece
76
dB
Dynamic Range, Digital
In to Analog Out
(unweighted)
LSP, LSN
fSAMPLE =
48 kHz with 16-
bit data,
Bandwidth =
20 Hz… 20 kHz
DAC to
Loudspeaker
76
dB
HPL,
HPR,
(HPCM)
DAC to
Headphone
86
dB
EPP,
EPN
DAC to
Earpiece
82
dB
Dynamic Range, Digital
In to Analog Out
(A-weighted)
LSP, LSN
fSAMPLE =
48 kHz with 16-
bit data,
Bandwidth =
20 Hz… 20 kHz
DAC to
Loudspeaker
82
dB
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM,
DAC off, Analog to Headphone
92
dB
AIN,
AUXL,
AUXR,
EPP,EPN
DAC off, Analog to Earpiece
89
dB
Dynamic Range, Analog
In to Analog Out
(unweighted)
AIN,
AUXL,
AUXR,
LSP, LSN
DAC off, Analog to Loudspeaker
82
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com