Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9560A1 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems MAS9560A1 Datasheet HTML 15Page - Micro Analog systems MAS9560A1 Datasheet HTML 16Page - Micro Analog systems MAS9560A1 Datasheet HTML 17Page - Micro Analog systems MAS9560A1 Datasheet HTML 18Page - Micro Analog systems MAS9560A1 Datasheet HTML 19Page - Micro Analog systems MAS9560A1 Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16 (25)
DA9560.001
20 January, 2005
CONTROL INTERFACES
MAS9560 registers (detailed description below) are controlled either via I
2C- or SPI bus. On-chip DAC data is
written using I
2S-bus.
Pin
Bus
Function
MODE
I
2C/SPI
Select I
2C (MODE=1) or SPI (MODE=0)
SCLK
I
2C /SPI
Serial Data Clock for I
2C and SPI
SDI
I
2C /SPI
Serial Data I/O for I
2C and input for SPI
SDO
SPI
Serial Data Output for SPI
XCS
SPI
Chip Select for SPI (active low)
DAI
I
2S
Serial Data input for I
2S
WSI
I
2S
Frame Identification for I
2S
CLI
I
2S
Serial Data Clock for I
2S
◆ I
2C Description
I
2C – bus is selected by setting pin MODE = 1. I2C -
bus is a 2-wire serial interface, so two lines, a serial
data line (SDI) and serial clock line (SCLK), are
required. MAS9560 data line is bi-directional for
data acknowledge and transmit, but clock line is
just a receiver, i.e., the clock is gotten from the
master. Default state for both lines is high, since all
devices connected on the bus form together an
AND-function because of pull-up resistors.
A master is controlling the bus, enabling clock and
giving start and stop requests, so data transfer for
MAS9560 is started with start-pulse given by a
master device. As the master is changing SDI level
from high to low while SCLK is high, this action is
recognized as the start pulse. Stop pulse is similarly
created: when SCLK is high SDI level is changed
from low to high. During the data transition data line
(SDI) level may not change when clock (SCLK) is
high, because this is interpreted either as start or
stop pulse.
Data is transmitted in bytes, one byte is 8-bit long.
Several bytes can be sent one by one until the
master gives stop signal.
I
2C data format is shown in table 1 below. The first
byte in I
2C data after start pulse specifies unique
device code and transfer mode. Device code is
specified by 7 bits and is 1001 101 for MAS9560,
last (8th) bit selects read/write-mode (r/w): high for
read and low for write. After first byte is read,
MAS9560 acknowledges it by pulling data line (SDI)
down, keeping data line down and releasing the
line only after the master driven clock line (SCLK) is
again pulled down.
After the device specific code MAS9560 is set as
receiver for data as described above, sub-address
is given as a second byte. This addresses the initial
register number, and the following byte is the data
which is written to the register. In case the fourth
byte is written (and no stop bit is given), MAS9560
changes to increment mode and this fourth byte is
written to a following register. All registers can be
written by one start-stop sequence. On-chip
incremental counter is just 4-bits long. Incrementing
stops at address 0x0F to prevent overflow. In write
mode MAS9560 gives acknowledge pulse after
every byte.
I
2C bus can also be used to read register values. In
this case a sequence is as follows: First byte 1001
1010 is written after start pulse (MAS9560
acknowledges) after which register address is
given, which is acknowledged by device. Next a
new start pulse is given by the master and byte
1001 1011 is acknowledged by MAS9560, after
which register (specified in initial sequence) data is
written to data bus (MSB first). After that MAS9560
gives
NAK
(no
acknowledge)
signal
which
continues until ACK (acknowledge) or STOP signal
is given by the master. In case ACK signal is given,
the incremental mode of MAS9560 is enabled and
next register data is written to SDI bus by
MAS9560. The data is again followed by NAK
signal, and the reading sequence can be repeated
or stopped.
Values of unspecified bits in registers with less than
8-bits are not set to any initial value, and their value
can vary from time to time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com