Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9560A1 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems MAS9560A1 Datasheet HTML 15Page - Micro Analog systems MAS9560A1 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12 (25)
DA9560.001
20 January, 2005
◆ Current Consumption
LSVDD = VBAT = 3.6V, EPVDD = HPVDD = VLDO = 2.86V (LDO-mode), -40
°C ≤ TA ≤ +85°C, , typical values at TA = +27°C, IOUT = 1.0 mA,
CIN_LDO = 1.0 µF, CL_LDO = 1.0 µF, CBP_LDO = 10 nF, unless otherwise noted
Control Bits
VBAT
Current measurement test setup
Mono
x
x
x
x
DAC
x
x
x
x
x
AIN
x
x
x
AUX
x
x
x
LS
x
x
x
EP
x
x
x
HPR
x
x
x
x
x
HPL
x
x
x
x
x
HPC
x
x
x
Typical Current
[mA]
3.00 V
3.60 V
5.50 V
3.1
3.1
3.1
5.4
5.5
5.3
8.4
12
37
4.6
4.6
4.6
9.0
13
37
4.9
4.9
4.9
5.8
5.8
5.8
7.1
7.1
7.1
19
22
47
Maximum Current
[mA]
3.00 V
3.60 V
5.50 V
7.5
7.5
7.5
10
10
10
20
25
70
7
7
7
20
25
70
8
8
8
10
10
10
12
12
12
40
40
80
Note: Above values measured with following loads: loudspeaker LSP-LSN 22 ohm (nominal load 8 ohm cannot
be used in testing due to tester limitations), earphone EPP-EPN 32 ohm, HPR-HPCM 32 ohm, HPL-HPCM 32
ohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com