Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9560A1 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 7Page - Micro Analog systems MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems MAS9560A1 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11 (25)
DA9560.001
20 January, 2005
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM,
DAC off, Analog to Headphone
95
dB
AIN,
AUXL,
AUXR,
EPP,
EPN
DAC off, Analog to Earpiece
86
dB
Dynamic Range, Analog
In to Analog Out
(A-weighted)
AIN,
AUXL,
AUXR,
LSP, LSN
DAC off, Analog to Loudspeaker
85
dB
Headphone
THD + Noise
HPL,
HPR,
(HPCM)
f = 50 Hz... 20 kHz, RL = 32 Ω,
Pout = 15 mW
-65
(-63)
dB
Earpiece
THD + Noise
EPP,
EPN
f = 150 Hz... 20 kHz, RL = 32 Ω,
Pout = 50 mW
-55
dB
Loudspeaker
THD + Noise
LSP, LSN
f = 150 Hz... 20 kHz, RL = 8 Ω,
Pout = 200 mW
-58
dB
Mute Level
HPL,
HPR,
(HPCM),
EPP,
EPN,
LSP, LSN
-73
dB
Headphone PSRR
HPL,
HPR,
HPCM,
VBAT
f = 1.0 kHz, VBAT
≥ 3.1 V,
RL = 32 Ω, Vripple = 0.5 Vpp, Zero
audio signal
120
dB
Earpiece PSRR
EPP,
EPN,
VBAT
f = 1.0 kHz, VBAT
≥ 3.1 V,
RL = 32 Ω, Vripple = 0.5 Vpp, Zero
audio signal
120
dB
Loudspeaker PSRR
LSVDD,
LSP, LSN
f = 1.0 kHz, LSVDD
≥ 3.1 V,
RL = 8 Ω, Vripple = 0.5 Vpp, Zero
audio signal
40
63
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com