Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4539AWSC Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 33Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 34Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 35Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 36Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
33
Peak Current Calculation in DCM
In general backlight applications the loading is not much at
low dimming duty, therefore the boost converter usually
operates in DCM. The peak current of through inductor
(IL_peak) can be calculated by the following equation in
DCM :
IN
L-peak
DCM
OUT OUT
IN
DCM
2
IN
V
I
=
D
Ts
L
2LI
(V
V ) fs
D
=
V
−×
Where DDCM is the duty cycle of the switch turn-on in
DCM
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding
airflow, and the difference between the junction and
ambient
temperatures.
The
maximum
power
dissipation can be calculated using the following
formula :
PD(MAX) = (TJ(MAX) − TA) / θJA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and θJA is the
junction-to-ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating Conditions is 125°C. The junction-to-
ambient thermal resistance, θJA, is highly package
dependent. For a WL-CSP-20B 1.71x2.371 (BSC)
package, the thermal resistance, θJA, is 33.1°C/W on a
standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. For a WQFN-24L 4x4
package, the thermal resistance, θJA, is 28°C/W on a
standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25°C can be calculated as below :
PD(MAX) = (125°C − 25°C) / (33.1°C/W) = 3.02W for a
WL-CSP-20B 1.71x2.371 (BSC) package.
PD(MAX) = (125°C − 25°C) / (28°C/W) = 3.57W for a
WQFN-24L 4x4 package.
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance, θJA. The derating curves in
Figure 12 allows the designer to see the effect of rising
ambient temperature on the maximum power
dissipation.
Figure 12. Derating Curve of Maximum Power
Dissipation
Layout Consideration
For good regulation, place the power components
as close to the IC as possible. The traces should be
wide and short, especially for the high current output
loop.
The input and output bypass capacitor should be
placed as close to the IC as possible and connected
to the ground plane of the PCB.
Minimize the size of the L nodes and keep traces
wide and short. Care should be taken to avoid running
traces that carry any noise-sensitive signals near LX
or high- current traces.
Separate power ground (PGND) and ground (GND).
Connect the GND and the PGND islands at a single
end. Make sure that there are no other connections
between these separate ground planes.
Connect the exposed pad to a strong ground plane
for maximum thermal dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
WL-CSP-20B
1.71x2.371 (BSC)
WQFN-24L 4x4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com