Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4539AWSC Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
27
26KHz Mode Division Frequency
The 26KHz mode division frequency can be set by the I2C interface, as shown in Table 15.
Table 15. 26KHz Mode Division Frequency
Address
Bit
Name
Default Value
Description
Resolution
R/W
08h
[7: 5]
26KHz mode
division
frequency
26KHz
(B000)
PWMO frequency
B000: 26KHz
B001: 26KHz/2
B010: 26KHz/4
B011: 26KHz/8
B1xx: 26KHz/16
--
R/W
The 26kHz mode division frequency can be controlled by address 08h[7: 5], there are five division frequencies
including 26KHz, 26KHz/2, 26KHz/4, 26KHz/8 and 26KHz/16. Moreover, this function can only be used at PWM
input control, if input control interface is I2C mode, the address 08h[7: 5] must write B000.
Control CLK PFM Function Enable and Lowest Switching Frequency for PFM
The Boost converter integrates a PFM function for high efficiency at light load. This function can be enabled or
disabled by address 0x09h [0: 0]. Moreover, PFM frequency can be set to different values by the desirable
applications. More setting details are shown in Table 16.
Table 16. Control CLK PFM Function Enable
Address Bit
Name
Default Value
Description
R/W
09h
[0:
0]
Control CLK PFM
function enable
off
(B0)
Control CLK PFM function enable
B0: Off
B1: On
R/W
[6:
1]
Lowest Switching
Frequency
for PFM
31.15KHz
(0x3Ch)
Lowest switching frequency setting
Formula:
16000/{(16000/Fsw)+(8*Code)+7}
R/W
The CLK PFM function enable can be controlled by address 09h[0: 0]. If the bit equals to 0, it means the boost
switching frequency just depends on the switching frequency setting. Otherwise, if the bit equals to 1, the boost
switching frequency will be decreased, when the boost on time is lower than the minimum on-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com